Part Number Hot Search : 
JANSR2 3T100 DC12V 12N50 XC4VSX35 P4VM800 A1206 UE200013
Product Description
Full Text Search
 

To Download LB1840 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number: EN4996
Monolithic Digital IC
LB1840M Low-voltage/Low-saturation Bidirectional Variable Constant-voltage Motor Driver
Overview
The LB1840M is a low-voltage, low-saturation, three-input type two-channel bidirectional motor driver that permits switching between constant-voltage regulated output and saturated output. The design is ideal for a two-phase bipolar driver for stepping motors.
Package Dimensions
unit: mm
3111-MFP14S
[LB1840M]
Features
. Wide operating voltage range (3.0 to 9.0 V). . Low saturation voltage I = 200 . V = 0.40 V atno current mA. mode Consumes almost in standby (0.1 A or less). . Permits setting of bidirectional constant-voltage regulated . value. type that is ideal for a two-phase bipolar driver. . Three-input between constant-voltage regulated output Permits switching . and saturated output. coupled to input. . Built in reference voltage Compact MFP-14S package.
O(sat) O
SANYO : MFP14S
Specifications
Absolute Maximum Ratings at Ta = 25 C
Parameter Maximum supply voltage Output current Applied input voltage Allowable power dissipation Operating temperature Storage temperature Symbol VCC max Im max VIN Pd max Topr Tstg With board ( 30 x 30 x 1.5 mm3 ) Conditions Ratings 10.5 250 -0.3 to +10 800 -20 to +80 -40 to +150 Unit V mA V mW C C
Allowable Operating Ranges at Ta = 25 C
Parameter Supply voltage IN pin high level voltage IN pin low level voltage Control voltage VM pin high level voltage VM pin low level voltage Symbol VCC VINH VINL VC VMH VML Conditions Ratings 3.0 to 9.0 3.0 to 9.0 -0.3 to +0.7 0.2 to 6.0 VCC - 0.3 to VCC -0.3 to VCC-2.5 Unit V V V V V V
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
O1596HA(II) No.4996-1/5
LB1840M
Electrical Characteristics at Ta = 25 C, VCC = 6 V
Parameter Supply current Symbol ICC0 ICC1 ICC2 Output saturation voltage Vsat1 Vsat2 VOsat3 Reference voltage Output voltage voltage characteristics Output voltage current characteristics Input current Output voltage Vref VO VCC VO IO IIN IVM VO During standby During bidirectional operation (for two channels): during control, load open during saturation, load open IO = 100 mA (upper side + lower side) IO = 200 mA (upper side + lower side) IO = 200 mA (lower side) IVref = 1 mA VO = 5 V, VCC = 5.5 to 9 V, IO = 100 mA VO = 5 V, VCC = 6 V, IO = 10 to 100 mA VIN = 5 V VM = GND Between OUT and GND 2.45 x VC 90 210 0.07 1.85 Conditions min typ 0.1 3.5 4.5 0.30 0.40 0.10 2.0 max 10 5.0 6.5 0.40 0.55 0.15 2.15 20 50 150 300 2.65 x VC Unit A mA mA V V V V mV mV A A V
Equivalent Circuit Block Diagram
(For one channel)
Thermal
Reference voltage
Logic predriver
Pin Assignment
Note: Both GND pins must be grounded.
Top view
No.4996 -2/5
LB1840M
Truth Table
Input ENA L H H H H IN 1/2 -- L L H H VM -- H L H L Output OUT 1/3 OFF H H L L OUT 2/4 OFF L L H H Standby Constant-voltage regulated forward operation Saturated forward operation Constant-voltage regulated reverse operation Saturated reverse operation Mode
The constant-voltage regulated output VO (= voltage between H side output and GND) is controlled by VO = 2.5 x VC. The output is in the saturated state when the VC input range is 0.2 to 6 V and VO ^ VCC.
Pin Functions
Pin No. 14 9 12 3 6 Symbol VCC GND IN2 IN1 Equivalent Circuit Diagram Pin Function Power supply pin for output and controller. GND pins for output and controller. Both must be grounded. Input pins that determine the excitation of the outputs. IN1 control outputs OUT1 and OUT2; IN2 control outputs OUT3 and OUT4. L: -0.3 to +0.7 V or open H: 3.0 to 9.0 V There are no limitations on the magnitude relationships between the VCC and VIN supply voltages. 8 10 11 13 OUT4 OUT3 OUT1 OUT2 Output pins. Have built-in spark killer diodes.
4
Vref
Reference voltage (= 2.0 V).
Continued on next page.
No.4996 -3/5
LB1840M
Continued from preceding page.
Pin No. 5 Symbol VC Equivalent Circuit Diagram Pin Function Input pins that determine the constantvoltage regulated output level. The constant-voltage regulated output VO (= voltage between H side output and GND) is controlled by VO = 2.5 x VC. There are no limitations on the magnitude relationships between the VCC and VC supply voltages.
Output
2
ENA
Standby/drive control input pin. Current drain in standby mode is 10 A or less. L: -0.3 to + 0.7 V or open H: 3.0 to 9.0 V There are no limitation on the magnitude relationships between VCC and VENA supply voltage.
7
VM
Control input pin for switching between constant voltage output and saturated output. L: -0.3 to VCC - 2.5 V (saturated output) H: VCC - 0.3 to VCC or open (constant-voltage regulated output)
Sample Application Circuit
Stepping motor
If the outputs oscillate, insert capacitors of 0.001 to 0.1 F between the outputs.
No.4996 -4/5
LB1840M
Allowable power dissipation, Pd max -- mW
Specified board (30 x 30 x 1.5 mm3 glass epoxy)
Output saturation voltage, VO(sat) -- V
Ambient temperature, Ta -- C
Output current, IO -- mA No load
Output voltage, VO -- V
Input current, IIN -- A
No load
Input voltage, VIN -- V
Supply voltage, VCC -- V
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: 1 Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: 2 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of October, 1996. Specifications and information herein are subject to change without notice.
No.4996 -5/5


▲Up To Search▲   

 
Price & Availability of LB1840

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X